smd shielded power inductor | | | | | | | | | | | | | | | alpi-6611 standard specifications: applications: features: abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 30 3 3 2 e s p e r anz a , r a n c h o s a n t a m a r g a r i t a , c a li f o r n i a 92 6 8 8 t e l 94 9 - 54 6 - 80 0 0 | f a x 94 9 - 54 6 - 8 0 0 1 | w w w . ab r a c o n . c o m revised: 08.04.09 visit www.abracon.com for terms & conditions of sale p arameters abracon p/n: alpi-6611 series operating temperature: -40c to + 85c storage temperature: -40c to + 85c, 70% rh max. options and part identification: (left blank if standard) note 3. test freq. 100khz 0.1v 1. idc 1 : base on inductance change (O ? l/l0 OQ10%), ? l=l(idc)-l0 2. idc 2 : base on temperature change (t<40c) ? shielded magnetics, low radiation ? large terminal surface for good pcb bonding ? low dcr, high energy storage, suitable for large currents ? ideal for a variety of dc-dc converter inductor applications ? portable communication equipment ? oa equipment ? lcd, dvd, modem, set-top box ? dc/dc converters unless specified, test condition should be temp.=15 35c, humidity=25 75%. if needed, then test condition should be temp.=18 22c, humidity=60 70%. measuring conditions: srf (mhz) typ. idc 1 , ma x idc 1 , max 1. 2 0.0 8 19 0 2. 1 1.7 1. 5 0. 1 14 0 1. 9 1.5 2. 2 0.1 2 11 5 1. 6 1.4 3. 3 0.1 6 9 0 1. 3 1.2 4. 7 0. 2 8 8 1. 1 1.1 6. 8 0.3 2 6 6 0. 9 0.85 1 0 0.4 1 5 5 0. 8 0.75 1 5 0.5 5 4 2 0.6 5 0.6 2 2 0.8 5 3 8 0. 5 0.52 3 3 1. 3 2 9 0. 4 0.42 4 7 1. 8 2 2 0.3 5 0.36 6 8 2. 5 1 8 0. 3 0.3 10 0 3. 5 1 4 0.2 5 0.26 15 0 5 1 2 0.1 8 0.21 22 0 7 1 0 0.1 6 0.18 33 0 1 5 8 0.1 3 0.13 inductance tolerance: m: 20% ; n: 30% alpi-6611-331m dcr ( ? ) max part number inductance (h) rated dc current (a) alpi-6611-1r2n alpi-6611-1r5n alpi-6611-2r2n alpi-6611-3r3n alpi-6611-4r7n alpi-6611-6r8n alpi-6611-100m alpi-6611-150m alpi-6611-220m alpi-6611-330m alpi-6611-470m alpi-6611-680m alpi-6611-101m alpi-6611-151m alpi-6611-221m t e h t o t r e f e r e s a e l p e h t o t r e f e r e s a e l p tape & reel e l b a t e l b a t inductance code tolerance code alpi - 6611- packaging code pb rohs compliant 6.6 x 5.6 x 1.1mm
smd shielded power inductor | | | | | | | | | | | | | | | alpi-6611 pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 303 3 2 e s p e r anz a , r a n c h o s a n t a m a r g a r i t a , c a li f o r n i a 926 8 8 t e l 949-546-800 0 | f a x 949-546-80 0 1 | w w w . ab r a c o n . c o m revised: 08.04.09 visit www.abracon.com for terms & conditions of sale outline drawing: tape & reel: tape and reel 2,500pcs/reel dimensions: mm a c z 3302. 0 16. 5 1001.0 series alpi-6611 z a c w e f p a 0 b 0 d 0 p 0 k 0 t 16 . 0 0 . 3 1 . 75 0 . 1 9 . 2 5 0 . 1 8 . 0 0 . 1 6 . 0 0 . 1 7 . 0 0 . 1 1 . 5 0 . 1 4 . 0 0 . 1 1 . 5 0 . 1 0 . 35 0 . 05 dimensions: mm 8 . 3 1 . 1 4.7 b a c m a r k i n g d e f a b c d max. max. m/m m/m 6.60 5.60 max 0. 3 3.40 1.10 m/m m/m . e 0.75 m / m f 4.90 m/m characteristic curve: d 0 p 0 b 0 a 0 p f w e k 0 t 3 m a x e m p ty p a r t p r o d u c t i n c l u d e d 2 0 p itc h m i n . 1 0 0 0 1 0 1 0 0 1 0 0 e m p t y p a r t l e a d e r e n d t a p e 2 0 p i t c h m i n . u s e r di r e cti o n o f fe e d 0. 3 0. 3 6.6 x 5.6 x 1.1mm
smd shielded power inductor | | | | | | | | | | | | | | | alpi-6611 pb rohs compliant abracon is iso 9001 / qs 9000 ce r tified abracon is iso 9001 / qs 9000 ce r tified 303 3 2 e s p e r anz a , r a n c h o s a n t a m a r g a r i t a , c a li f o r n i a 926 8 8 t e l 949-546-800 0 | f a x 949-546-80 0 1 | w w w . ab r a c o n . c o m revised: 08.04.09 visit www.abracon.com for terms & conditions of sale the reflow condition recommended above is according to the machine used by our company. big differences will arise as a result of the type of machine, reflow conditions, method, etc used. hence, before setting up your reflow conditions. please confirm with the above. moreover, please clear all questions. reflow profile: th e condition o f re f low (recommendation) 13 0 s e c 5 0 1 0 0 1 5 0 2 0 4 0 6 0 8 0 1 0 0 2 0 0 2 5 0 t e m p e r a t u r e ( c ) 3 0 0 2 2 0 1 4 0 1 2 0 1 6 0 1 8 0 2 0 0 4 0 s e c 1 0 s e c t i m e ( s e c ) 2 4 0 2 6 0 1 0 s e c s u r f a c e t e m p a r a t u r e o f c o i l 235 c 250 c note: a b r a c on manufa c tu r ed p r o du c ts a r e i n t ended f or gene r al c omme r cial and indust r ial us e . f or appli c a tions r equi r ing high r eliabili t y and/or p r ese n ting e x t r eme o p e r a ting e n vi r onme n t , w r it t en c onse n t & autho r iz a tion f r om a b r a c on is r equi r e d . 6.6 x 5.6 x 1.1mm
|